PART |
Description |
Maker |
SR42UWEXP |
42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
|
Tripp Lite. All Rights ...
|
SRBOLTDOWN |
SmartRack Bolt-Down Kit - Secures stabilizing brackets or plates to facility floor
|
Tripp Lite. All Rights ...
|
LPX-40 |
Cover Enclosure Kit
|
ASTEC[Astec America, Inc]
|
BG-32618 |
Board-Ganizer Enclosure Kit
|
Bud Industries, Inc.
|
VTB2-2A0 VTB2-2A1 VTB2-2B0 VTB2-4B1 VTB2-2B1 VTB2- |
Miniature TCXOs BOX 4.94X2.75X1.275 9V W/CLP ALMOND H-Series Enclosure; Enclosure Material:Plastic; External Height:0.94"; External Width:2.75"; External Depth:4.94"; Enclosure Color:Almond RoHS Compliant: Yes 微型TCXO
|
Electronic Theatre Controls, Inc.
|
SD5001 SD5401 SD5402 SD5402CY SD5400CY SD5000N XSD |
30.5mm Hole Pushbutton Enclosure; NEMA Type:12, 13; Enclosure Material:Steel; Enclosure Color:Gray; No. of Contacts:5 RoHS Compliant: Yes 50 mA, 15 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET High-Speed DMOS Quad FET Analog Switch Arrays 50 mA, 20 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Magnet-Schultz of America, Inc. Calogic LLC CALOGIC[Calogic, LLC]
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|
SRHALFRAIL |
SmartRack 21U Half Rail Accessory
|
Tripp Lite. All Rights ...
|